Part Number Hot Search : 
AVT50A MAX1504 AVT50A MR750RL UTC8133 GP4062D WU207 AK4954A
Product Description
Full Text Search
 

To Download TRS1206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRT Resistor Technology
PTC Thinfilm Temperature Sensors Type: TRS Sizes: 0805, 1206
Features: * * * * * PTC-Chip Resistors in Thinfilm Contact areas tinned - resistant to leaching Resistance element resin-passivated Tolerances down to 0.5 % - TC available from +3300 to +3850 Linearity of TCR better than 5 %
Dimensions:
Baugroe 0805 1206 L 2.0
+0.1
B 1.25
+0.1
D 0.55
+0.1
C 0.4 +0.2 0.5 +0.2
L B L D
3.2 +0.2
1.6 +0.15
0.55 +0.1
L = Length, B = Width, D = Thickness, C = Width of wrap around (in mm)
Packaging:
C
Bulk in plastic bags or tubes - minimum quantity 100 pcs/value Blistertape acc. to IEC 60286-3 - minimum 1000 pcs/value Reel diameter 180 mm or 330 mm Ordering Data: Type - value - tolerance - TCR - TCR tolerance - packaging Example: TRS1206 1 K 1 % TCR + 3850 200 tape 180 mm If no requirements for TCR and taping are given, the standard value (highest TCR value and TCR tolerance in table) will be supplied and packaging is bulk
Issue 09/04 SRT Resistor Technology GmbH Fon: ++49 / 09103 / 79520 Ostlandstr. 31 Fax: ++49 / 09103 / 5128 Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom D-90556 Cadolzburg Mail to: webmaster@srt-restech.de Tel . + 44 (0) 1342 835234 Fax. + 44 (0) 1342 834306 E-Mail. sales@willow.co.uk Web. www.willow.co.uk Internet: www.srt-restech.de
PTC-Thinfilm Temperature Sensors Type: TRS Sizes: 0805, 1206
Technical data - depending on size:
Size Power rating P70 (mW) (P125 = 0 mW) Working voltage U_, Ueff (V) 0805 65 100 1206 125 200
Ranges / Tolerances / TCR / TCR-tolerances 100R - <10K Value-tolerances at 25 C TC (ppm/K): TC-tolerances (ppm/K): Value-tolerances at 25 C TC (ppm/K): TC-tolerances (ppm/K): 0.5/1/5% +3300, +3500, +3850 200, 500 - 0.5/1/5% +3300, +3500, +3850 200, 500 0.5/1/5% +3300, +3500, +3850 200, 500
10K - 100K
Lower values of tolerance, TCR and VCR on request and agreement
Technical data - general: Temperature range Climatic category acc. to IEC 60068 Solderability acc IEC 60068 T2-20, Ta Meth.1 Max. soldering temperature acc. IEC 60068, T2-20 Tb Meth. 1A
Long term stability Storage 125C/1000h Storage 155C/1000h Load P70/70C/1000h Damp heat (56d/40C/96%) Data not specified according CECC 40401-801
- 55C ... + 125C 55/125/56 235C 2s 260C 10
100R - 100K <0.25% <0.5% <0.5% <0.75%
Issue 01/03 Issue 09/04 SRT Resistor Technology GmbH Fon: ++49 / 09103 / 79520 Ostlandstr. 31 Fax: ++49 / 09103 / 5128 D-90556 Cadolzburg MailLingfield, Surrey, RH7 6BL, United Kingdom to: webmaster@srt-restech.de Willow Technologies Ltd. Shawlands Court, Newchapel Road, Internet: www.srt-restech.de Tel . + 44 (0) 1342 835234 Fax. + 44 (0) 1342 834306 E-Mail. sales@willow.co.uk Web. www.willow.co.uk


▲Up To Search▲   

 
Price & Availability of TRS1206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X